|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D TO-254 G S APT1002RCN 1000V 5.5A 2.00 TM POWER MOS IV MAXIMUM RATINGS Symbol VDSS ID IDM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS All Ratings: TC = 25C unless otherwise specified. APT1002RCN UNIT Volts Amps 1000 5.5 22 30 150 1.2 -55 to 150 300 Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. 1 Volts Watts W/C C STATIC ELECTRICAL CHARACTERISTICS Symbol BVDSS ID(ON) RDS(ON) IDSS IGSS VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current 2 MIN TYP MAX UNIT Volts Amps 1000 5.5 2.00 250 1000 100 2 (VDS > ID(ON) x R DS(ON) Max, VGS = 10V) 2 Drain-Source On-State Resistance (VGS = 10V, 0.5 ID [Cont.]) Ohms A nA Volts Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA) 4 SAFE OPERATING AREA CHARACTERISTICS Symbol SOA1 SOA2 ILM Characteristic Safe Operating Area Safe Operating Area Inductive Current Clamped Test Conditions VDS = 0.4 VDSS, IDS = PD / 0.4 VDSS, t = 1 Sec. IDS = ID [Cont.], VDS = PD / ID [Cont.], t = 1 Sec. MIN TYP MAX UNIT Watts 150 150 5.5 Amps 050-0015 Rev C CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. USA 405 S.W. Columbia Street APT Website - http://www.advancedpower.com Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61 EUROPE Avenue J.F. Kennedy Bat B4 Parc Cadera Nord DYNAMIC CHARACTERISTICS Symbol CDC Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Drain-to-Case Capacitance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions f = 1 MHz VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.8 MIN TYP APT1002RCN MAX UNIT 15 1530 230 80 66 6.2 36 14 13 53 17 22 1800 pF 325 120 105 9.5 54 28 26 ns 79 nC 34 SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage 1 2 MIN TYP MAX UNIT Amps Volts ns C 5.5 22 1.3 450 2.5 900 5 (Body Diode) (VGS = 0V, IS = -ID [Cont.]) Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s) THERMAL CHARACTERISTICS Symbol RJC RJA 1 2 Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT W/C 0.80 50 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) Pulse Test: Pulse width < 380 S, Duty Cycle < 2% APT Reserves the right to change, without notice, the specifications and information contained herein. 1.0 , THERMAL IMPEDANCE (C/W) 0.5 D=0.5 0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.01 0.005 SINGLE PULSE Note: PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC 050-0015 Rev C Z 0.001 10-5 JC 10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION 10-4 APT1002RCN 8 VGS=5.5, 6 & 10V ID, DRAIN CURRENT (AMPERES) ID, DRAIN CURRENT (AMPERES) 8 VGS=10V 6V 6 5.5V 6 4 5V 4 5V 2 4.5V 2 4.5V 4V 0 100 200 300 400 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 16 TJ = -55C ID, DRAIN CURRENT (AMPERES) VDS> ID (ON) x RDS (ON)MAX. 230 SEC. PULSE TEST 0 0 2 4 6 8 10 12 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 2.5 T = 25C J 0 TJ = +25C TJ = +125C 2.0 2 SEC. PULSE TEST NORMALIZED TO V = 10V @ 0.5 I [Cont.] GS D 12 1.5 VGS=10V VGS=20V 8 1.0 4 TJ = +125C TJ = +25C 0 TJ = -55C 0.5 0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 6 ID, DRAIN CURRENT (AMPERES) 5 0.0 0 4 8 12 16 20 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25 I = 0.5 I [Cont.] D D GS 1.2 1.1 4 1.0 3 0.9 2 1 0.8 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED) V = 10V 0 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4 0.7 -50 2.0 1.2 1.5 1.0 1.0 0.8 0.5 0.6 050-0015 Rev C 0.0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE 0.4 -50 APT1002RCN 30 10S ID, DRAIN CURRENT (AMPERES) 10 5 1mS OPERATION HERE LIMITED BY R (ON) DS 10,000 100S C, CAPACITANCE (pF) Ciss 1,000 Coss 100 Crss 1 0.5 TC =+25C TJ =+150C SINGLE PULSE 10mS 100mS DC 0.1 1 5 10 50 100 500 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA I = I [Cont.] D D 0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 100 50 10 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 20 16 VDS=100V VDS=200V 20 TJ =+150C 10 5 TJ =+25C 12 VDS=500V 8 4 2 1 20 40 60 80 100 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE 0 0 0 0.5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE TO-254AA Package Outline 13.84 (.545) 13.59 (.535) 1.27 (.050) 1.02 (.040) 6.91 (.272) 6.81 (.268) 3.78 (.149) Dia. 3.53 (.139) 20.32 (.800) 20.06 (.790) 13.84 (.545) 13.59 (.535) 17.40 (.685) 16.89 (.665) 31.37 (1.235) 30.35 (1.195) Drain Source Gate 3.81 (.150) BSC 6.60 (.260) 6.32 (.249) 1.14 (.045) Dia. Typ. .89 (.035) 3 Leads 3.81 (.150) BSC 050-0015 Rev C Dimensions in Millimeters and (Inches) |
Price & Availability of APT1002RCN |